Part Number Hot Search : 
00230 2455RC QS3384Q 80C32 MBR260 385XS1 SH705 QSL10
Product Description
Full Text Search
 

To Download 7834-0000PR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? pcb .100 x .100 two row 78xx serie s physical electrical environmental *"rohs compliant" means that the product or part does not contai n any of the following substances in excess of the following ma ximum concentration values in any homogeneous material, unless th e substance is in an application that is ex empt under rohs: (a) 0.1% (by weight) f or lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated dip henyl ethers; or (b) 0.01% (by weight) for cadmium. unless otherwise stated in writing by 3m, this information represents 3m's knowledge and belief based on information provid ed by third party suppliers to 3m. insulation material: glass filled ployester flammability: ul 94v-0 color: gray contact material: beryllium copper plating underplating: 100 ? [ 2.54 m ] nickel u slot and solder tails: gold flash wire accommodation: 26 awg stranded, 28 awg solid or stranded, 30 awg solid current rating: 1.0 a insulation resistance: > 1000 m ? min. at 500 vdc withstanding voltage: 1000 v ac for 1 minute temperature rating: -55 c to +105 c ts-2104-02 sheet 1 of 2 ? single connector termination reduces overall connector cost ? 7.3 mm terminated height for applications requiring low-profile off the board ? solder bumps facilitate board cleaning ? fits standard .100 ? x .100 ? header layout ? uses less board area than 4-row design ? rohs* compliant date modified: march 1, 2006 ul file no.: e68080 note: may require process accommodations in ?no lead? soldering.
3m interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? pcb .100 x .100 two row 78xx series ordering information 78xx-000xpr ts-2104-02 sheet 2 of 2 contact quantity: see table contact quantity a b c 10 17.4 17.8 10.2 14 22.5 22.9 15.2 16 25 25.4 17.8 20 30.1 30.5 22.9 26 37.7 38.1 30.5 30 42.8 43.2 35.6 34 47.9 48.3 40.6 40 55.5 55.9 48.3 50 68.2 68.6 61 60 80.9 81.3 73.7 64 86 86.4 78.7 mm [inch] t olerance u nless noted .0 .00 mm .3 .13 recommended board layout assembled dimensions solder bump position 1 indicator transfer adhesive solder tail length: 0 = 2.8 mm 6 = 3.8 mm assembly equipment: 3640 press (or equival ent), 3443-71 locator plate, 3442-9 platen. see ordering inforamation
3 printed in usa. minimum 10% post-consumer fiber important notice all statements, technical information, and recommendations related to 3ms products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. before using this product, you must evaluate it and determine if it is suitable for your intended application. you assume all risks and liability associated with such use. any statements related to the product which are not contained in 3ms current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3m. warranty; limited remedy; limited liability. this product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase. 3m makes no other warranties including, but not limited to, any implied warranty of merchantability or fitness for a particular purpose. if this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3ms option, to replace or repair the 3m product or refund the purchase price of the 3m product. except where prohibited by law, 3m will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3m product, regardless of the legal theory asserted. 3m electronics 6801 river place blvd. austin, tx 78726-9000 800/225-5373 www.3m.com/electronics ? 3 m 2 0 0 6


▲Up To Search▲   

 
Price & Availability of 7834-0000PR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X